PART |
Description |
Maker |
FSLF-080ML |
3216 Size Chip Multilayer Diplexer for CELL/PCS 3216尺寸的片式多层双工器细胞/
|
Cypress Semiconductor, Corp.
|
WPT-4M3216A-102T WPL-4L3216A-102L WPB-4S2010A-300B |
4 FUNCTIONS, 0.1 A, FERRITE CHIP EIA STD PACKAGE SIZE 3216 4 FUNCTIONS, 0.05 A, FERRITE CHIP EIA STD PACKAGE SIZE 3216 4 FUNCTIONS, 0.2 A, FERRITE CHIP EIA STD PACKAGE SIZE 2010 4 FUNCTIONS, 0.15 A, FERRITE CHIP EIA STD PACKAGE SIZE 3216 4 FUNCTIONS, 0.2 A, FERRITE CHIP EIA STD PACKAGE SIZE 3216
|
Stackpole Electronics, Inc. Sanken Electric Co., Ltd. TE Connectivity, Ltd. Vishay Beyschlag
|
LQM2HPN1R0MG0 LQM2HPN2R2MG0L LQM2HPN3R3MG0 LQM2HPN |
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type) LQM2HP_G0 Series (1008 Size)
|
Murata Manufacturing Co., Ltd.
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
LC-FSLC-S190N-0406A FSLC-S190N |
2012 Size 1850/1910 MHz Chip Multilayer Coupler
|
HITACHI-METALS[Hitachi Metals, Ltd]
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M38869FFAGP M38869FFAHP M38869M8A-012HP M38869M8A- |
RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 256bytes single chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer 3885 Series Microcontrollers: Keyboard Controller for Notebook PC 3886GROUP RAM size: 192bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
1206J6300180KCT 1206J6300180KCR 1206J6300101KCR 12 |
CAPACITOR, CERAMIC, MULTILAYER, 630 V, C0G, 0.000018 uF, SURFACE MOUNT, 1206 CHIP CAPACITOR, CERAMIC, MULTILAYER, 630 V, C0G, 0.0001 uF, SURFACE MOUNT, 1206 CHIP CAPACITOR, CERAMIC, MULTILAYER, 630 V, C0G, 0.0000015 uF, SURFACE MOUNT, 1206 CHIP CAPACITOR, CERAMIC, MULTILAYER, 630 V, C0G, 0.000001 uF, SURFACE MOUNT, 1206 CHIP CAPACITOR, CERAMIC, MULTILAYER, 630 V, C0G, 0.000022 uF, SURFACE MOUNT, 1206 CHIP CAPACITOR, CERAMIC, MULTILAYER, 630 V, C0G, 0.00015 uF, SURFACE MOUNT, 1206 CHIP CAPACITOR, CERAMIC, MULTILAYER, 630 V, C0G, 0.00001 uF, SURFACE MOUNT, 1206 CHIP CAPACITOR, CERAMIC, MULTILAYER, 630 V, C0G, 0.001 uF, SURFACE MOUNT, 1206 CHIP CAPACITOR, CERAMIC, MULTILAYER, 630 V, C0G, 0.00012 uF, SURFACE MOUNT, 1206 CHIP CAPACITOR, CERAMIC, MULTILAYER, 630 V, C0G, 0.0000012 uF, SURFACE MOUNT, 1206 CHIP CAPACITOR, CERAMIC, MULTILAYER, 630 V, C0G, 0.00018 uF, SURFACE MOUNT, 1206 CHIP CAPACITOR, CERAMIC, MULTILAYER, 630 V, C0G, 0.000012 uF, SURFACE MOUNT, 1206 CHIP CAPACITOR, CERAMIC, MULTILAYER, 630 V, C0G, 0.0000018 uF, SURFACE MOUNT, 1206 CHIP
|
Syfer Technology, Ltd.
|
1206CS-220XFLB 1206CS-150XFLB 1206CS-911XFLB 1206C |
Chip Inductors - 1206CS Series (3216)
|
Coilcraft lnc.
|
|